Part Number Hot Search : 
80000 SI9430 M5675 ICS308RT CSB20C04 1N5398 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download RVT24YGSF15FA100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RV24 Series
TOCOS
PA N E L C O N T R O L S
(R)
24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV24YN
RV24YGME
RVT24YN
Features
24mm diameter, single-turn industrial panel controls Carbon film element Linear or audio tapers Single, tandem and triple units, single shaft; dual unit, dual shaft SPST or SPDT switch with 1A or 3A rating Shaft lock and center tap models Metal shaft and bushing Panel mount only Right angle ear-lug terminals 6mm diameter shafts in slot, flat or round end styles Standard 15mm or 20mm shaft length
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . B = 50 to 2M A,C = 1k to 2M Resistance Tolerance . . . . . . . . . . . . . . . . . 10% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . B = linear; A = CW audio (logarithm); C = CCW audio (logarithm) Peak Noise (C.R.V.) . . . . . . . 3% or 3, whichever is greater Power Rating . . . . . . . . . . . B = 0.25 watt; A,C = 0.125 watt at 40 C, 0 watt at 85 C Maximum Input Voltage . . . . . B = 315VDC; A,C = 200VDC or power rating, whichever is smaller Insulation Resistance . . . . . 100M minimum at 1,000VDC Dielectric Strength . . . . . . . . . . . . . . . . 1,000VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 280 10 Load Life . . . . . . . . . . . .
Environmental
Temperature Range . . . . . . . . . . . . . . . . . . Temperature Characteristics . . . . . . . . 10 C to 85 C 85 C, 30 minutes without load R ) 10k (c) T/R ) 6% 10k ! R ! 1M (c) T/R ) 10% R 0 1M (c) T/R ) 15% 40 C, 1,000 hours with rated load T/R ) 10%
Moisture and Load Life . . . . . . . . . . . . 40 C, 90-95%RH, 500 hours with rated load R ! 100k (c) T/R ) 10%~ 15% R 0 100k (c) T/R ) 10%~ 20% Thermal Shock . . . . . . . . . . . . . . . . . . . . . . . 10 C ~ 85 C, 5 cycles without load T/R ) 10% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions, 2 hours each T/R ) 2.5% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 2% Rotational Life . . . . 15,000 cycles (500 cycles for shaft lock models only) without load T/R ) 7%
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . . 300 5 Shaft Torque Single Unit . . . . . . 51 to 306 gf*cm (0.707 to 4.242 oz*in) Other Units . . . . . . 51 to 510 gf* cm (0.707 to 7.070 oz*in) Stop Strength . . . . . . . . . . . 9.18 kgf* cm (127.26 oz*in) max. Mounting Nut Torque . . . . . . 15 kgf*cm (207.94 oz*in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . . . . . . . . . Model type, taper, resistance code, shaft type, terminal identification, date code
Standard Rotary Switches
Switch Rating . . . . . . . . . . 110VAC, 1A or 3A, SPDT or SPST Contact Resistance . . . . . . . . . . . . . . . . . . . . . . 0.05 max. Operating Torque . . . . . . . . 1,530 gf*cm (21.21 oz * in) max. Operating Life . . . . . . . . . . . . . . . 10,000 cycles without load
R = Total Resistance Value; T/R = Total Resistance Change
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
35
RV24 Series
RV24YN
Dimensions
Unit: mm
Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug Terminals RV24YNHT High Torque, RVB24YN Low Torque, and RV24YS Panel Seal Models available as Special Order.
Recommended Panel Mounting Holes
RV24YL
Panel Mount, Single Unit, Single Shaft with Shaft Lock Right Angle Ear-Lug Terminals
Recommended Panel Mounting Holes
RV24YNSE & RV24YNSF
Panel Mount, Single Unit with Switch, Single Shaft Right Angle Ear-Lug Terminals, Rear Exit Lug Terminals for 1A or 3A SPST Switch
Recommended Panel Mounting Holes
36
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV24 Series
RV24YNME & RV24YNMF
Dimensions
Unit: mm
Panel Mount, Single Unit with Switch, Single Shaft Right Angle Ear-Lug Terminals, Rear Exit Lug Terminals for 1A or 3A SPDT Switch
Recommended Panel Mounting Holes
RVT24YN
Panel Mount, Single Unit with Center Tap, Single Shaft Right Angle Ear-Lug Terminals, Tap Lug Terminal 180 from Terminal #2
Recommended Panel Mounting Holes
RV24YG
Panel Mount, Ganged Tandem Unit, Single Shaft Right Angle Ear-Lug Terminals on Each Unit
Recommended Panel Mounting Holes
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
37
RV24 Series
RV24YGL
Dimensions
Unit: mm
Panel Mount, Ganged Tandem Unit, Single Shaft with Shaft Lock Right Angle Ear-Lug Terminals on Each Unit
Recommended Panel Mounting Holes
RVT24YG
Panel Mount, Ganged Tandem Unit with Center Tap, Single Shaft Right Angle Ear-Lug Terminals, Tap Lug Terminal 180 from Terminal #2 on Each Unit
Recommended Panel Mounting Holes
RV24YGSE
Panel Mount, Ganged Tandem Unit with Switch, Single Shaft Right Angle Ear-Lug Terminals on Each Unit, Rear Exit Lug Terminals for 1A SPST Switch
Recommended Panel Mounting Holes
38
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV24 Series
RV24YGME
Dimensions
Unit: mm
Panel Mount, Ganged Tandem Unit with Switch, Single Shaft Right Angle Ear-Lug Terminals on Each Unit, Rear Exit Lug Terminals for 1A SPDT Switch
Recommended Panel Mounting Holes
RV24YT
Panel Mount, Triple Unit, Single Shaft Right Angle Ear-Lug Terminals on Each Unit
Recommended Panel Mounting Holes
RV24YD
Panel Mount, Dual Unit, Dual Concentric Shaft Right Angle Ear-Lug Terminals on Each Unit
Recommended Panel Mounting Holes
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
39
RV24 Series
RV24DME
Dimensions
Unit: mm
Panel Mount, Dual Unit with Rear Unit Switch, Dual Concentric Shaft Right Angle Ear-Lug Terminals on Each Unit, Rear Exit Lug Terminals for 1A SPDT Switch
Recommended Panel Mounting Holes
40
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV24 Series
RV T 24 Y N ME 20 S
Part Numbering System
B 103 K
NOTE: FMS = From Mounting Surface
Resistance Tolerance: K = 10% (standard). Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 105 = 1,000,000 ). See table for standard resistance values. For Single Unit: Specify taper and resistance code as shown. For Ganged Tandem Unit or Dual Unit: Specify a taper code and resistance code for each unit starting with the front unit followed by the rear unit. If both units have the same taper and resistance codes, add "X2" suffix per example below. Examples: B103A503 or if both units are the same: B103X2 For Triple Unit: Specify a taper code and resistance code for each unit starting with the front unit followed by the middle and rear units. If all units have the same taper and resistance codes, add "X3" suffix per example below. Examples: B103A503B104 or if all units are the same: B103X3 Resistance Taper: B = Linear. A = CW Audio (logarithm). C = CCW Audio (logarithm). Shaft End Style: S = Slotted; F = Flatted; R = Round. For Single Shaft: Specify the shaft length (FMS) and shaft end style as shown. For Dual Concentric Shaft: Specify the shaft length (FMS) and shaft end style for the inner shaft followed by the shaft length (FMS) and shaft end style for the outer shaft. Use a dash (-) to separate the code groups for the inner and outer shaft specifications. Example: 30R-20R Standard Shaft Length: 15 = 15 mm FMS. 20 = 20mm FMS. Up to 50mm shaft length available (special order ). Switch Type: ME = SPDT, 110VAC, 1A, Rear Exit Lug Terminals. MF = SPDT, 110VAC, 3A, Rear Exit Lug Terminals. SE = SPST, 110VAC, 1A, Rear Exit Lug Terminals. SF = SPST, 110VAC, 3A, Rear Exit Lug Terminals. Blank = No Switch. Style: N = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug Terminals. L = Panel Mount, Single Unit, Single Shaft with Shaft Lock, Right Angle Ear-Lug Terminals. G = Panel Mount, Ganged Tandem Unit, Single Shaft, Right Angle Ear-Lug Terminals on Each Unit. GL = Panel Mount, Ganged Tandem Unit, Single Shaft with Shaft Lock, Right Angle Ear-Lug Terminals on Each Unit. T = Panel Mount, Triple Unit, Single Shaft, Right Angle Ear-Lug Terminals on Each Unit. D = Panel Mount, Dual Unit, Dual Concentric Shaft, Right Angle Ear-Lug Terminals on Each Unit. Operating Temperature Range: Y = 10 C to 85 C. Size: 24 = 24mm Diameter. Center Tap: T = With Tap; Blank = Without Tap. TOCOS Series Name: RV = Carbon Film Element.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 050 100 200 500 Code 500 101 201 501 Resistance ( ) 1,000 2,000 5,000 Code 102 202 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 200,000 500,000 Code 104 204 504 Resistance ( ) 1,000,000 2,000,000 Code 105 205
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
41


▲Up To Search▲   

 
Price & Availability of RVT24YGSF15FA100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X